Part Number Hot Search : 
LMO11D 4728A 100DP 74477520 BDP94808 NJU71 16PC05DF 74LCX38
Product Description
Full Text Search
 

To Download SKY13319-374LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
SKY13319-374LF: 0.1-3.0 GHz GaAs SPDT Switch
Applications
Two-way radios WiMAX WLANs
J2
J1
Features
Broadband frequency range: 0.1-3.0 GHz Low insertion loss: 0.4 dB @ 1 GHz High isolation: 25 dB @ 1 GHz High P0.1dB: +37 dBm @ 3.3 V Operating voltage range from 1.8 to 5.0 V Small, MLPD (6-pin, 1.5 x 1.5 mm) Pb-free package (MSL1, 260 C per JEDEC J-STD-020)
RFC
Figure 1. SKY13319-374LF Block Diagram
Description
The SKY13319-374LF is a pHEMT GaAs FET I/C high power switch. The switch is an ideal choice for two-way radios, WiMAX, and WLAN applications where low loss, high isolation, and excellent linearity are key requirements. The switch is manufactured in a compact, 1.5 x 1.5 mm, 6-pin exposed pad plastic Micro Leadframe Package Dual (MLPD) package. A functional block diagram is shown in Figure 1. The pin configuration and package are shown in Figure 2. Signal pin assignments and functional pin descriptions are provided in Table 1.
J1
1
6
V1
GND
2
5
RFC
J2
3
4
V2
S1532
Figure 2. SKY13319-374LF Pinout - 6-Pin MLPD (Top View)
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com
201096B * Skyworks Proprietary and Confidential information * Products and Product Information are Subject to Change Without Notice * August 7, 2009 1
DATA SHEET * SKY13319-374LF SPDT SWITCH
Table 1. SKY13319-374LF Signal Descriptions
Pin # 1 2 3 J1 GND J2 Name Description RF output (Note 1) Ground RF output (Note 1) Pin # 4 5 6 V2 RFC V1 Name Description DC control voltage RF common input (Note 1) DC control voltage
Note 1: A 47 pF blocking capacitor is required for >1 GHz operation. Use larger value capacitors for lower frequency operation.
Table 2. SKY13319-374LF Absolute Maximum Ratings
Parameter Input power @ 3.3 V (f > 100 MHz) Voltage range Storage temperature Operating temperature
Note:
Symbol PIN VCTL TSTG TOP
Minimum
Typical +37
Maximum
Units dBm
1.8 -65 -40
7.0 +150 +85
V C C
Exposure to maximum rating conditions for extended periods may reduce device reliability. There is no damage to device with only one parameter set at the limit and all other parameters set at or below their nominal value. Exceeding any of the limits listed here may result in permanent damage to the device.
CAUTION: Although this device is designed to be as robust as possible, Electrostatic Discharge (ESD) can damage this device. This device must be protected at all times from ESD. Static charges may easily produce potentials of several kilovolts on the human body or equipment, which can discharge without detection. Industry-standard ESD precautions should be used at all times.
Table 3. SKY13319-374LF Recommended Operating Conditions
Parameter Frequency Control voltage: Low High f VCTL_L VCTL_H Symbol Minimum 0.1 0 1.8 Typical Maximum 3.0 0.2 5.0 Units GHz V V
Electrical and Mechanical Specifications
The absolute maximum ratings of the SKY13319-374LF are provided in Table 2. The recommended operating conditions are specified in Table 3 and electrical specifications are provided in Table 4.
Typical performance characteristics of the SKY13319-374LF are illustrated in Figures 3 through 5. The state of the SKY13319-374LF is determined by the logic provided in Table 5.
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com
2 August 7, 2009 * Skyworks Proprietary and Confidential information * Products and Product Information are Subject to Change Without Notice * 201096B
DATA SHEET * SKY13319-374LF SPDT SWITCH
Table 4. SKY13319-374LF Electrical Specifications (Note 1) (VCTL = 0 V and +3.3 V, TOP = +25 C, PIN = 0 dBm, Characteristic Impedance [ZO] = 50 , Unless Otherwise Noted)
Parameter Insertion loss Symbol Test Condition 0.1-1.0 GHz 1.0-2.0 GHz 2.0-3.0 GHz 0.1-1.0 GHz 1.0-2.0 GHz 2.0-3.0 GHz 0.1-1.0 GHz 1.0-2.0 GHz 2.0-3.0 GHz 10/90% or 90/10% RF 50% VCTL to 90/10% RF 23 17 15 Min Typical 0.35 0.45 0.60 25 19 17 28 26 27 40 80 45 f = 0.1 to 3.0 GHz VCTL = 3.3 V VCTL = 3.0 V, VCTL = 1.8 V Input IP3 IIP3 PIN = +17 dBm/tone, tone spacing = 1 MHz, f = 0.1 to 3.0 GHz PIN = +30 dBm, f = 0.9 GHz PIN = +30 dBm, f = 0.9 GHz +37 +36 +30 +60 dBm dBm dBm dBm Max 0.50 0.60 0.75 Units dB dB dB dB dB dB dB dB dB ns ns mV
Isolation
Return loss (insertion loss state) (Note 2)
Switching characteristics: Rise/fall time On/off time Video feedthrough Input power for 0.1 dB compression
2nd harmonic 3rd harmonic Supply current
2fo 3fo ICC
-66 -60 5
dBc dBc A
Note 1: Performance is guaranteed only under the conditions listed in this Table and is not guaranteed over the full operating or storage temperature ranges. Operation at elevated temperatures may reduce reliability of the device. Note 2: Lower frequency return loss is dependent on the DC blocking capacitor value.
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com
201096B * Skyworks Proprietary and Confidential information * Products and Product Information are Subject to Change Without Notice * August 7, 2009 3
DATA SHEET * SKY13319-374LF SPDT SWITCH
Typical Performance Characteristics
(VCTL = 0 V and +3.3 V, TOP = +25 C, PIN = 0 dBm, Characteristic Impedance [ZO] = 50 , Blocking Capacitors = 47 pF, Unless Otherwise Noted)
0 -0.1 -0.2 -0.3
0 -5
RFC to J1 RFC to J2
Isolation (dB)
-10 -15 -20 -25 -30 -35 -40 -45 -50 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
Insertion Loss (dB)
-0.4 -0.5 -0.6 -0.7 -0.8 -0.9 -1.0 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
RFC to J1 RFC to J2
Frequency (GHz)
Frequency (GHz)
Figure 3. Typical Insertion Loss
Figure 4. Typical Isolation
0 -5 -10 -15 -20 -25 -30 -35 -40 -45 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
RFC to J1 RFC to J2
Return Loss (dB)
Frequency (GHz)
Figure 5. Typical Return Loss Table 5. SKY13319-374LF Truth Table
V1 (Pin 6) 1 0 1 0
Note:
V2 (Pin 4) 0 1 1 0
RFC to J1 Path Insertion loss Isolation undefined undefined Isolation
RFC to J2 Path
Insertion loss undefined undefined
"1" = +1.8 V to +5 V. "0" = 0 V to +0.2 V. Any state other than described in this Table places the switch into an undefined state. An undefined state will not damage the device.
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com
4 August 7, 2009 * Skyworks Proprietary and Confidential information * Products and Product Information are Subject to Change Without Notice * 201096B
DATA SHEET * SKY13319-374LF SPDT SWITCH
Evaluation Board Description
The SKY13319-374LF Evaluation Board is used to test the performance of the SKY13319-374LF SPDT Switch. An Evaluation Board schematic diagram is provided in Figure 6. An assembly drawing for the Evaluation Board is shown in Figure 7.
Package and Handling Information
Since the device package is sensitive to moisture absorption, it is baked and vacuum packed before shipping. Instructions on the shipping container label regarding exposure to moisture after the container seal is broken must be followed. Otherwise, problems related to moisture absorption may occur when the part is subjected to high temperature during solder assembly. The SKY13319-374LF is rated to Moisture Sensitivity Level 1 (MSL1) at 260 C. It can be used for lead or lead-free soldering. Care must be taken when attaching this product, whether it is done manually or in a production solder reflow environment. Production quantities of this product are shipped in a standard tape and reel format. For packaging details, refer to the Skyworks Application Note, Discrete Devices and IC Switch/Attenuators Tape and Reel Package Orientation, document number 200083.
Package Dimensions
The PCB layout footprint for the SKY13319-374LF is provided in Figure 8. Typical case markings are shown in Figure 9. Package dimensions for the 6-pin MLPD are shown in Figure 10, and tape and reel dimensions are provided in Figure 11.
CBL
RF Output
1
J1
V1
6
DC Control Voltage (1.8-5.0 V
CBL
2
GND
RFC
5
RF Common Input DC Control Voltage (1.8-5.0 V
CBL
RF Output
3
J2
V2
4
CBL = 47 pF for >1 GHz operation. Exposed ground paddle should be grounded for best performance.
S1545
Figure 6. SKY13319-374LF Evaluation Board Schematic
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com
201096B * Skyworks Proprietary and Confidential information * Products and Product Information are Subject to Change Without Notice * August 7, 2009 5
DATA SHEET * SKY13319-374LF SPDT SWITCH
RFC V1
C BL
J1
C BL
V2
C BL
J2
S1534
Figure 7. SKY13319-374LF Evaluation Board Assembly Diagram
6X 0.55
5 X 45o
6X 0.35 6X 0.25
0.50 Pitch
0.60 1.20
0.05 0.20 0.35 0.70
7X Exposed Solder Area
S1535
Figure 8. SKY13319-374LF PCB Layout Footprint (Top View)
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com
6 August 7, 2009 * Skyworks Proprietary and Confidential information * Products and Product Information are Subject to Change Without Notice * 201096B
DATA SHEET * SKY13319-374LF SPDT SWITCH
Pin 1 Indicator Skyworks Part #
Figure 9. Typical Part Markings (Top View)
C 1.5 A B
Seating Plane
0.70 +0.10/-0.15
0.02 +0.03/-0.02
0.15 X 45 Pin 1 Ind. 2X 0.05
o
Pin 1 Indicator
1.5
1.20 +0.10/-0.15 Detail B
2X
0.10 C 6X 2X 0.10 C
0.41/0.50
0.10 C
3 0.08 C
Detail C Exposed Pad
Top View
Side View
6X 0.20 Min
Bottom View
0.175 0.10
0.5 0.25 +0.05/-0.07 5
0.10 C A B
C L
2X R0.05
Detail C
6 Places
All measurements are in millimeters. Dimensioning and tolerancing according to ASME Y14.5M-1994. Coplanarity applies to the exposed heat sink slug as well as the terminals.. Plating requirement per source control drawing (SCD) 2504. Dimension applies to metalized terminal and is measured between 0.15 mm and 0.30 mm from terminal tip.
Detail B
S1536
Figure 10. SKY13319-374LF 6-Pin QFN Package Dimensions
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com
201096B * Skyworks Proprietary and Confidential information * Products and Product Information are Subject to Change Without Notice * August 7, 2009 7
DATA SHEET * SKY13319-374LF SPDT SWITCH
Pin 1
4.00 0.10 1.50 0.10 2.00 0.05
0.20 0.02 (T)
1.75 0.10
5o Max
3.50 0.05
0.50 0.05 5o Max
1.78 0.05 (Bo)
A
A
B
0.69 0.05 (Ko)
B
1.78 0.05 (Ao)
A
Notes: 1. Carrier tape: black conductive polycarbonate or polystyrene. 2. Cover tape material: transparent conductive PSA. 3. Cover tape size: 5.4 mm width. 4. All measurements are in millimeters.
S1382a
Figure 11. SKY13319-374LF Tape and Reel Dimensions
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com
8 August 7, 2009 * Skyworks Proprietary and Confidential information * Products and Product Information are Subject to Change Without Notice * 201096B
8.00 +0.30/-0.10
B
DATA SHEET * SKY13319-374LF SPDT SWITCH
Ordering Information
Model Name SKY13319-374LF SPDT Switch Manufacturing Part Number SKY13319-374LF (Pb-free package) Evaluation Board Part Number SK41102-3, Rev. 1
Copyright (c) 2009 Skyworks Solutions, Inc. All Rights Reserved. Information in this document is provided in connection with Skyworks Solutions, Inc. ("Skyworks") products or services. These materials, including the information contained herein, are provided by Skyworks as a service to its customers and may be used for informational purposes only by the customer. Skyworks assumes no responsibility for errors or omissions in these materials or the information contained herein. Skyworks may change its documentation, products, services, specifications or product descriptions at any time, without notice. Skyworks makes no commitment to update the materials or information and shall have no responsibility whatsoever for conflicts, incompatibilities, or other difficulties arising from any future changes. No license, whether express, implied, by estoppel or otherwise, is granted to any intellectual property rights by this document. Skyworks assumes no liability for any materials, products or information provided hereunder, including the sale, distribution, reproduction or use of Skyworks products, information or materials, except as may be provided in Skyworks Terms and Conditions of Sale. THE MATERIALS, PRODUCTS AND INFORMATION ARE PROVIDED "AS IS" WITHOUT WARRANTY OF ANY KIND, WHETHER EXPRESS, IMPLIED, STATUTORY, OR OTHERWISE, INCLUDING FITNESS FOR A PARTICULAR PURPOSE OR USE, MERCHANTABILITY, PERFORMANCE, QUALITY OR NON-INFRINGEMENT OF ANY INTELLECTUAL PROPERTY RIGHT; ALL SUCH WARRANTIES ARE HEREBY EXPRESSLY DISCLAIMED. SKYWORKS DOES NOT WARRANT THE ACCURACY OR COMPLETENESS OF THE INFORMATION, TEXT, GRAPHICS OR OTHER ITEMS CONTAINED WITHIN THESE MATERIALS. SKYWORKS SHALL NOT BE LIABLE FOR ANY DAMAGES, INCLUDING BUT NOT LIMITED TO ANY SPECIAL, INDIRECT, INCIDENTAL, STATUTORY, OR CONSEQUENTIAL DAMAGES, INCLUDING WITHOUT LIMITATION, LOST REVENUES OR LOST PROFITS THAT MAY RESULT FROM THE USE OF THE MATERIALS OR INFORMATION, WHETHER OR NOT THE RECIPIENT OF MATERIALS HAS BEEN ADVISED OF THE POSSIBILITY OF SUCH DAMAGE. Skyworks products are not intended for use in medical, lifesaving or life-sustaining applications, or other equipment in which the failure of the Skyworks products could lead to personal injury, death, physical or environmental damage. Skyworks customers using or selling Skyworks products for use in such applications do so at their own risk and agree to fully indemnify Skyworks for any damages resulting from such improper use or sale. Customers are responsible for their products and applications using Skyworks products, which may deviate from published specifications as a result of design defects, errors, or operation of products outside of published parameters or design specifications. Customers should include design and operating safeguards to minimize these and other risks. Skyworks assumes no liability for applications assistance, customer product design, or damage to any equipment resulting from the use of Skyworks products outside of stated published specifications or parameters. Skyworks, the Skyworks symbol, and "Breakthrough Simplicity" are trademarks or registered trademarks of Skyworks Solutions, Inc., in the United States and other countries. Third-party brands and names are for identification purposes only, and are the property of their respective owners. Additional information, including relevant terms and conditions, posted at www.skyworksinc.com, are incorporated by reference.
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com
201096B * Skyworks Proprietary and Confidential information * Products and Product Information are Subject to Change Without Notice * August 7, 2009 9


▲Up To Search▲   

 
Price & Availability of SKY13319-374LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X